commercial grade ( megacap t yp e ) ckg57n ( 5750 ) [ eia cc2220 ] l 6.00mm +/-0.5mm w 5.00mm +/-0.5mm t 5.00mm +/-0.5mm e 1.60mm +/-0.3mm x7t ( -55 to 125 de g c +22 , -33% ) 2w ( 450vdc ) 2.2uf m ( +/-20% ) 2.5% max. 227mohm min. not a pp licable all s p ecifications are sub j ect to chan g e without notice. january 4, 2016 ckg57nx7t2w225m500jh tdk item descri p tion : ckg57nx7t2w225mt**** cap. vs. freq. characteristic 0.1 1 10 0.001 0.01 0.1 1 10 100 1000 frequency/mhz cap./uf |z|, esr vs. freq. characteristics 0.001 0.01 0.1 1 10 100 1000 10000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz |z|, esr/ohm |z| esr dc bias characteristic -80 -70 -60 -50 -40 -30 -20 -10 0 10 0 100 200 300 400 500 dc bias/v cap. change/% temperature characteristics -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 -80 -60 -40 -20 0 20 40 60 80 100 120 140 temperature/degc cap. change/% temp.chara. tcbias(1/2rated) ripple temperature rise characteristics 0 5 10 15 20 25 0 0.5 1 1.5 2 2.5 3 3.5 current/arms temperature rise/degc 100khz 500khz 1mhz application & main feature series dimensions tem p erature c haracteristic rated volta g e c a p acitance c a p acitance tolerance dissi p ation facto r insulation resistance a e c - q 2 00 characterization sheet ( multilayer ceramic chip capacitors )
|